PART |
Description |
Maker |
KM684000LI KM684000LI-10 KM684000LI-10L KM684000LI |
512Kx8 bit CMOS static RAM, 85ns, low power Quadruple Bilateral Analog Switch 14-TSSOP -40 to 85 524288亩字× 8位高速CMOS静态RAM 524,288K WORD x 8 BIT HIGH SPEED CMOS STATIC RAM 524288亩字× 8位高速CMOS静态RAM RES 1.6K-OHM 1% 0.063W 200PPM THK-FILM SMD-0603 TR-7-PA 512Kx8 bit CMOS static RAM, 100ns, low power 512Kx8 bit CMOS static RAM, 70ns, low power
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
KM684000 KIM684000L-8L KIM684000-10 KIM684000-5 KI |
512Kx8 bit CMOS static RAM, 85ns, low power 512Kx8 bit CMOS static RAM, 100ns, low power 524/ 288 WORD x 8 BIT HIGH SPEED CMOS STATIC RAM PT 16C 16#16 PIN PLUG 524, 288 WORD x 8 BIT HIGH SPEED CMOS STATIC RAM 52488字8位高速CMOS静态RAM
|
Samsung Electronic SAMSUNG[Samsung semiconductor] SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
K6X4008T1F K6X4008T1F-B K6X4008T1F-F K6X4008T1F-GB |
Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Aluminum; Series:165; Number of Contacts:12; Connecting Termination:Solder; Circular Shell Style:Cable Plug; Circular Contact Gender:Socket; Current Rating:7.5A 512Kx8位低功耗和低电压的CMOS静态RAM PT05SE18-32S 512Kx8位低功耗和低电压的CMOS静态RAM 512Kx8 bit Low Power and Low Voltage CMOS Static RAM 512Kx8位低功耗和低电压的CMOS静态RAM D38999/26WA98SN
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
29F004T-55 29F004T-70 29F004T-90 MX29F004TQC-12G M |
4M-BIT [512KX8] CMOS FLASH MEMORY
|
Macronix International Co., Ltd.
|
74ALVC16373/D 74ALVC16373-D |
Low-Voltage 1.8/2.5/3.3 V 16-Bit Buffer With 3.6 V-Tolerant Inputs and Outputs (3-State, Inverting) Low-Voltage 1.8/2.5/3.3 V 16-Bit D-TYpe Flip-Flop
|
ON Semiconductor
|
74LVTH322245G 74LVT322245G 74LVTH322245 74LVT32224 |
Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25-Ohm Series Resistors in A Port Outputs Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25 Ohm Series Resistors in A Port Outputs Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25 Series Resistors in A Port Outputs Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25з Series Resistors in A Port Outputs LVT SERIES, QUAD 8-BIT TRANSCEIVER, TRUE OUTPUT, PBGA96 Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25蟹 Series Resistors in A Port Outputs 16K SPI 2K X 8, 32B PAGE, 2.5V SER EE, -40C to 85C, 8-TSSOP, TUBE
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
74ALVC16245-D 74ALVC16245/D |
Low-Voltage 1.8/2.5/3.3 V 16-Bit Transceiver Low-Voltage 1.8/2.5/3.3 V 16-Bit Buffer With 3.6 V-Tolerant Inputs and Outputs (3-State, Inverting)
|
ON Semiconductor
|
MX29F040TC-55 MX29F040TC-12 MX29F040QC-90 MX29F040 |
4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
|
MCNIX[Macronix International]
|
MX29F4000 MX29F4000PC-12 MX29F4000PC-55 MX29F4000P |
4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
|
Macronix International
|
K6R4008C1D |
512Kx8 Bit High Speed Static RAM(5.0V Operating)
|
Samsung semiconductor
|
IDT74CBTLV16210 IDT74CBTLV16210PA IDT74CBTLV16210P |
LOW-VOLTAGE 20-BIT BUS SWITCH CBTLV/3B SERIES, DUAL 10-BIT DRIVER, TRUE OUTPUT, PDSO48 LOW-VOLTAGE 20-BIT BUS SWITCH 低电0位总线开
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|